Part Number Hot Search : 
D476A 1NXJL D2502 FZL4145D TEA2014 BL808 GRM155 EL2186CS
Product Description
Full Text Search
 

To Download WP57SRSRD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 (5mm) SOLID STATE LAMP
Part Number: WP57SRSRD Super Bright Red
Features
LOW POWER CONSUMPTION. I.C. COMPATIBLE. LONG LIFE - SOLID STATE RELIABILITY. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAF2646 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 1 OF 6 ERP: 1101005716
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. Super Bright Red (GaAlAs) WP57SRSRD Super Bright Red (GaAlAs)
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Viewing Angle [1] 21/2 60
Typ. 150 150
70 RED DIFFUSED 70
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 Max. Units nm nm nm pF V Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Operating / Storage Temperature Lead Solder Temperature [2] Lead Solder Temperature [3]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. 3. 5mm below package base.
Super Bright Red 75 30 155 -40C To +85C 260C For 3 Seconds 260C For 5 Seconds
Units mW mA mA
SPEC NO: DSAF2646 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 2 OF 6 ERP: 1101005716
WP57SRSRD Super Bright Red
SPEC NO: DSAF2646 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 3 OF 6 ERP: 1101005716
PACKING & LABEL SPECIFICATIONS
WP57SRSRD
SPEC NO: DSAF2646 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 4 OF 6 ERP: 1101005716
SPEC NO: DSAF2646 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 5 OF 6 ERP: 1101005716
SPEC NO: DSAF2646 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: MAY/11/2007 DRAWN: Y.L.LI
PAGE: 6 OF 6 ERP: 1101005716


▲Up To Search▲   

 
Price & Availability of WP57SRSRD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X